전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM24C32 데이터시트(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM24C32
상세설명  32Kbit and 64Kbit Serial IC bus EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM24C32 데이터시트(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM24C32 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HM24C32/HM24C64
9
Figure 9. Byte Write
2. Page Write
The HM24C32/64 devices is capable of 32-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 31 (HM24C32/64) more data
words. The EEPROM will respond with a "0" after each data word received. The microcontroller
must terminate the page write sequence with a stop condition (see Figure 10).
The data word address lower 5 (HM24C32/64) bits are internally incremented following the
receipt of each data word. The higher data word address bits are not incremented, retaining the
memory page row location. When the word address, internally generated, reaches the page
boundary, the following byte is placed at the beginning of the same page. If more than 32
(HM24C32/64) data words are transmitted to the EEPROM, the data word address will "roll
over" and previous data will be overwritten.
Figure 10. Page Write
3. Acknowledge Polling
Once the internally timed write cycle has started and the EEPROM inputs are disabled,
acknowledge polling can be initiated. This involves sending a start condition followed by the
device address word. The read/write bit is representative of the operation desired. Only if the
internal write cycle has completed will the EEPROM respond with a "0", allowing the read or
write sequence to continue. See Figure 11 for flow diagram.
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com