전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8082ES 데이터시트(PDF) 29 Page - Infineon Technologies AG

부품명 TLE8082ES
상세설명  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES 데이터시트(HTML) 29 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG TLE8082ES Datasheet HTML 28Page - Infineon Technologies AG TLE8082ES Datasheet HTML 29Page - Infineon Technologies AG TLE8082ES Datasheet HTML 30Page - Infineon Technologies AG TLE8082ES Datasheet HTML 31Page - Infineon Technologies AG TLE8082ES Datasheet HTML 32Page - Infineon Technologies AG TLE8082ES Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
6
Watchdog
The device implementes a window watchdog with a closed and an open time window serviced by a watchdog
command via SPI.
The watchdog consists of:
•
a watchdog state machine and
•
an error counter
Watchdog
Watchdog
Statemachine
Error
Counter
Operation
Statemachine
Register
NRIO
SO
SI
SCK
CSN
Figure 5
Watchdog function diagram
6.1
Watchdog period
The watchdog period tWD,per consists of a closed window tcw and an open window tow.
tWD,per
tcw
tow
Figure 6
Watchdog period
The watchdog period time tWD,per can be configured to 4 different values by setting the bit WDP in the WD
register. The open window can be configured to a short and a long value for each watchdog period value with
the bit WDOW in the WD register. The configuration of the watchdog period can be changed together with the
watchdog command.
Table 20
Watchdog period configuration (all values are typical values)
Watchdog period tWD,per
Open window setting
Open window time tow
Closed window time tcw
tWD,per1 = 32 ms
short
tow1,s = 4 ms
28 ms
tWD,per1 = 32 ms
long
tow1,l = 8 ms
24 ms
tWD,per2 = 48 ms
short
tow2,s = 8 ms
40 ms
tWD,per2 = 48 ms
long
tow2,l = 12 ms
36 ms
TLE8082ES
Small engine management IC
Watchdog
Datasheet
29
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com