전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8082ES 데이터시트(PDF) 47 Page - Infineon Technologies AG

부품명 TLE8082ES
상세설명  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES 데이터시트(HTML) 47 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 43Page - Infineon Technologies AG TLE8082ES Datasheet HTML 44Page - Infineon Technologies AG TLE8082ES Datasheet HTML 45Page - Infineon Technologies AG TLE8082ES Datasheet HTML 46Page - Infineon Technologies AG TLE8082ES Datasheet HTML 47Page - Infineon Technologies AG TLE8082ES Datasheet HTML 48Page - Infineon Technologies AG TLE8082ES Datasheet HTML 49Page - Infineon Technologies AG TLE8082ES Datasheet HTML 50Page - Infineon Technologies AG TLE8082ES Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
15
14
13
12
3
2
1
0
15
14
13
12
3
2
1
0
15
14
13
12
3
2
1
0
CSN
SCK
SI
MSB
MSB
MSB
LSB
LSB
LSB
15
14
13
12
3
2
1
0
15
14
13
12
3
2
1
0
15
14
13
12
3
2
1
0
SO
MSB
MSB
MSB
LSB
LSB
LSB
Request 1
Request 2
Request 3
Response 0
Response 1
Response 2
Figure 15
Send and response scheme
Definition of the response:
•
during power on reset: no SPI communication enabled - no response
•
1st response after power on reset: content of register Config (NOTE: consider power on reset time)
•
during operation reset: no SPI communication enabled - no response
•
1st response after operation reset: content of register Diag0 (NOTE: consider operation reset time)
•
1st response after NRIO reset: content of register Diag0 (NOTE: consider NRIO input filter time,
DIAG0.NRIORES set)
•
1st response after watchdog reset: content of register Diag0 (NOTE: DIAG0.WDRES is set)
•
response after correct communication: content of addressed register
•
response after invalid communication: content of register Diag0 (NOTE: DIAG0 content is not reliable)
RN/W bit of the response corresponds to the RN/W bit of the request for correct communication. For all other
responses the RN/W bit is "0" (read).
9.5
SPI timing diagram
High impedance
MSB
MSB
LSB
LSB
High impedance
CSN
SCK
SI
SO
undefined
undefined
undefined
CSN enable lead time
tCSN(lead)
SPI clock high time
tSCK(high)
SPI clock low time
tSCK(low)
SPI clock frequency
fSCK
SI data setup time
tSI(setup)
SI data hold time
tSI(hold)
SO data valid time
tSO(valid)
Sequential transfer delay time
tCSN(td)
CSN enable lag time
tCSN(lag)
SO enable time
tSO(enable)
SO disable time
tSO(disable)
Vin,h
Vin,l
Vin,h
Vin,l
Vin,h
Vin,l
Vout,h
Vout,l
SO rise and fall time
tSO(rise,fall)
undefined
Figure 16
Timing diagram
TLE8082ES
Small engine management IC
Serial Peripheral Interface (SPI)
Datasheet
47
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com