전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT24CSW04X 데이터시트(PDF) 8 Page - Microchip Technology

부품명 AT24CSW04X
상세설명  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X 데이터시트(HTML) 8 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 4Page - Microchip Technology AT24CSW04X Datasheet HTML 5Page - Microchip Technology AT24CSW04X Datasheet HTML 6Page - Microchip Technology AT24CSW04X Datasheet HTML 7Page - Microchip Technology AT24CSW04X Datasheet HTML 8Page - Microchip Technology AT24CSW04X Datasheet HTML 9Page - Microchip Technology AT24CSW04X Datasheet HTML 10Page - Microchip Technology AT24CSW04X Datasheet HTML 11Page - Microchip Technology AT24CSW04X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
3.2
Block Diagram
1 page
Start
Stop
Detector
GND
Memory
System Control
Module
High-Voltage
Generation Circuit
Data and ACK
Input/Output Control
Address Register
and Counter
D
OUT
D
IN
V
CC
SCL
SDA
Power-on
Reset
Generator
Main EEPROM
Column Decoder
Data Register
Security Register
Preprogrammed
Hardware Address
Write
Protection
Control
WP
Note:  The WP pin is only available on the 5-lead SOT23 package.
AT24CSW04X/AT24CSW08X
Description
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43