전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS650-40A 데이터시트(PDF) 3 Page - Integrated Circuit Systems

부품명 ICS650-40A
상세설명  ETHERNET SWITCH CLOCK SOURCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-40A 데이터시트(HTML) 3 Page - Integrated Circuit Systems

  ICS650-40A Datasheet HTML 1Page - Integrated Circuit Systems ICS650-40A Datasheet HTML 2Page - Integrated Circuit Systems ICS650-40A Datasheet HTML 3Page - Integrated Circuit Systems ICS650-40A Datasheet HTML 4Page - Integrated Circuit Systems ICS650-40A Datasheet HTML 5Page - Integrated Circuit Systems ICS650-40A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ETHERNET SWITCH CLOCK SOURCE
MDS 650-40A B
3
Revision 121004
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS650-40A
External Components
A minimum number of external components are required for proper operation. Decoupling capacitors of
0.01
µF should be connected between VDD and GND pairs. The capacitors should be placed between pins
VDD and GND, VDDOA and GND, and VDDOB and GND as close to the device as possible. A 33
Ω series
terminating resistor should be used on each clock output if the trace is longer than 1 inch. A 25 MHz
fundamental mode parallel resonant crystal should be used with CL=18 pF.
On chip capacitors. On Chip capacitors are used for a 18 pF load crystal. Small, 2-3 pF trimming
capacitors are used from pins X1 to ground and X2 to ground to optimize the initial accuracy.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-40A. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.45
V



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com