| 전자부품 데이터시트 검색엔진 |
|
CEC1712 데이터시트(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 데이터시트(HTML) 41 Page - Microchip Technology |
|
41 / 338 page ![]() 2020-2021 Microchip Technology Inc. DS00003416C-page 41 CEC1712 18- 31 Reserved GIRQ24 Reserved N/A GIRQ25 Reserved N/A GIRQ26 0-7 Reserved 17 N/A 8 GPIO250 GPIO Event Yes GPIO Interrupt Event 9-10 Reserved 11 GPIO253 GPIO Event Yes GPIO Interrupt Event 12- 31 Reserved Note: Registers and bits associated with GPIOs not implemented are Reserved. Please refer to Section 2.3, "Pin List" for GPIOs implemented in the chip. TABLE 3-3: GIRQ_MAPPING Agg IRQ Agg Bits HWB Instance Name Interrupt Event Wake event Source description Agg NVIC Direct NVIC |