전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEC1712 데이터시트(PDF) 8 Page - Microchip Technology

부품명 CEC1712
상세설명  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 데이터시트(HTML) 8 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 4Page - Microchip Technology CEC1712 Datasheet HTML 5Page - Microchip Technology CEC1712 Datasheet HTML 6Page - Microchip Technology CEC1712 Datasheet HTML 7Page - Microchip Technology CEC1712 Datasheet HTML 8Page - Microchip Technology CEC1712 Datasheet HTML 9Page - Microchip Technology CEC1712 Datasheet HTML 10Page - Microchip Technology CEC1712 Datasheet HTML 11Page - Microchip Technology CEC1712 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 338 page
background image
CEC1712
DS00003416C-page 8
 2020-2021 Microchip Technology Inc.
1.2
Boot ROM
Following the release of the RESET_EC signal, the processor will start executing code in the Boot ROM. The Boot ROM
executes the SPI Flash Loader, which downloads User Code from SPI Flash and stores it in the internal Code RAM.
Refer to CEC1712 Boot ROM document for further details.
1.3
System Block Diagram
1.3.1
CEC1712 INTERNAL ADDRESS SPACES
The Internal Embedded Controller can access any register in the EC Address Space or Host Address Space.
UART0
Battery 
Pack
SMBus
Fans or 
General 
Use
PWMs
2‐pin UART 
(x2)
UART
Breathing PWM
Trace FIFO 
Debug Port
TFDP
SMBus/
I2C Device 
(s)
SMBus/I2C
GPIOs
Voltage Monitoring
(e.g., Thermistors, 
Power Supplies)
ADCs
Power Supply
Power Button(s)
Battery Powered 
GPIO
BGPO
2/4‐pin 
Debug
 JTAG
CEC1712 Embedded 
Controller
2/4‐pin 
UART
Quad SPI(x2)
Main Power Supply
VCC_PWRGD
LEDs(x2)
ICT
Sensors/
PWM inputs
TACHs
VCI_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More