전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEC1712 데이터시트(PDF) 16 Page - Microchip Technology

부품명 CEC1712
상세설명  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 데이터시트(HTML) 16 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 12Page - Microchip Technology CEC1712 Datasheet HTML 13Page - Microchip Technology CEC1712 Datasheet HTML 14Page - Microchip Technology CEC1712 Datasheet HTML 15Page - Microchip Technology CEC1712 Datasheet HTML 16Page - Microchip Technology CEC1712 Datasheet HTML 17Page - Microchip Technology CEC1712 Datasheet HTML 18Page - Microchip Technology CEC1712 Datasheet HTML 19Page - Microchip Technology CEC1712 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 338 page
background image
CEC1712
DS00003416C-page 16
 2020-2021 Microchip Technology Inc.
1
ADC00
I_AN
PGS=00
(only)
Low
Note 4
2
Reserved
3
Reserved
Default:
0
GPIO201
PIO
VTR1
All PGS
options
No Gate
No
1
ADC01
I_AN
PGS=00
(only)
Low
Note 4
2
Reserved
3
Reserved
Default:
0
GPIO202
PIO
VTR1
All PGS
options
No Gate
No
1
ADC02
I_AN
PGS=00
(only)
Low
Note 4
2
Reserved
3
Reserved
Default:
0
GPIO203
PIO
VTR1
All PGS
options
No Gate
No
1
ADC03
I_AN
PGS=00
(only)
Low
Note 4
2
Reserved
3
Reserved
Default:
0
GPIO204
PIO
VTR1
All PGS
options
No Gate
No
1
ADC04
I_AN
PGS=00
(only)
Low
Note 4
2
Reserved
3
Reserved
Default:
0
GPIO070
PIO
VTR2
All PGS
options
No Gate
Yes
1
Reserved
2
I2C14_SDA
PIO
All PGS
options
High
3
Reserved
Default:
0
GPIO071
PIO
VTR2
All PGS
options
No Gate
Yes
1
Reserved
2
I2C14_SCL
PIO
All PGS
options
High
3
Reserved
TABLE 2-3:
CEC1712 PIN MULTIPLEXING
Mux
Value
Signal Name
Buffer
Type
Drive
Strength
PAD
Power
Well
Emulated
Power
Well
Gated
State
OverVolt-
age
Protect
Back-
drive
Protect
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More