| 전자부품 데이터시트 검색엔진 |
|
IMX7ULPCEC 데이터시트(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7ULPCEC 데이터시트(HTML) 21 Page - NXP Semiconductors |
|
21 / 118 page ![]() Table 1. i.MX 7ULP modules list (continued) Block Name Block Mnemonic Subsystem Power Domain Brief description up of the Cortex-A processor when it is in low power mode. Watchdog Timer WDOG0-2 Timers AD, RT The Watchdog Timer (WDOG) module keeps a watch on the system functioning and resets it in case of its failure. Reasons for failure include run- away software code and the stoppage of the system clock that in a safety critical system can lead to serious consequences. In such cases, the WDOG brings the system into a safe state of operation. The WDOG monitors the operation of the system by expecting periodic communication from the software, generally known as servicing or refreshing the WDOG. If this periodic refreshing does not occur, the WDOG resets the system. WDOG0 is in the real-time domain. WDOG1 and WDOG2 are in the application domain. XRDC Manager MGR Multicore Peripherals and Resource Domain Control submodules RT The XRDC Manager (MGR) submodule coordinates all programming model reads and writes. XRDC Master Domain Assignment Controller MDAC Multicore Peripherals and Resource Domain Control submodules AD, RT The XRDC Master Domain Assignment Controller (MDAC) submodule handles resource assignments and generation of the domain identifiers. XRDC Memory Region Controller MRC Multicore Peripherals and Resource Domain Control submodules AD, RT The XRDC Memory Region Controller (MRC) submodule implements the access controls for slave memories based on the pre-programmed region descriptor registers. XRDC Peripheral Access Controller PAC Multicore Peripherals and Resource Domain Control submodules AD, RT The XRDC Peripheral Access Controller (PAC) implements the access controls for slave peripherals based on the pre- programmed domain access control registers. 2 Clocking Clocking i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019 21 NXP Semiconductors |