전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX9673 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 MAX9673
상세설명  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9673 데이터시트(HTML) 2 Page - Maxim Integrated Products

  MAX9673 Datasheet HTML 1Page - Maxim Integrated Products MAX9673 Datasheet HTML 2Page - Maxim Integrated Products MAX9673 Datasheet HTML 3Page - Maxim Integrated Products MAX9673 Datasheet HTML 4Page - Maxim Integrated Products MAX9673 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAX9673
Maxim Integrated Products. All rights reserved.
Page 2
Conclusion
The MAX9673ETI+T successfully meets the quality and reliability standards required of all Maxim products. In addition, Maxim's
continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim's quality and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX9672/MAX9673/MAX9674 output 12/14/16 voltage references for gamma correction in TFT LCDs and one voltage reference for VCOM. Each
gamma reference voltage has its own 10-bit DAC and buffer to ensure a stable voltage. The VCOM reference voltage has its own 10-bit DAC and an
amplifier to ensure a stable voltage when critical levels and patterns are displayed. The MAX9672/MAX9673 MAX9674 feature integrated multiple-time
programmable (MTP) memory to store gamma and VCOM values on the chip, eliminating the need for external EEPROM. The
MAX9672/MAX9673/MAX9674 support up to 300 write operations to the on-chip nonvolatile memory. The gamma outputs can drive 200mA peak
transient current and settle within 1µs. The VCOM output can provide 600mA peak transient current and also settles within 1µs. The analog supply
voltage range extends from 9V to 20V, and the digital supply voltage range extends from 2.7V to 3.6V. Gamma values and the VCOM value are
programmed into registers through the I²C interface.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com