전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX9673 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX9673
상세설명  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9673 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX9673 Datasheet HTML 1Page - Maxim Integrated Products MAX9673 Datasheet HTML 2Page - Maxim Integrated Products MAX9673 Datasheet HTML 3Page - Maxim Integrated Products MAX9673 Datasheet HTML 4Page - Maxim Integrated Products MAX9673 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAX9673
Maxim Integrated Products. All rights reserved.
Page 3
II. Manufacturing Information
A. Description/Function:
10-Bit, Programmable Gamma Reference Systems with MTP for TFT LCDs
B. Process:
S45
C. Number of Device Transistors:
4548
D. Fabrication Location:
USA
E. Assembly Location:
China, Taiwan and Thailand
F. Date of Initial Production:
July 25, 2009
III. Packaging Information
A. Package Type:
28-pin TQFN 5x5
B. Lead Frame:
Copper
C. Lead Finish:
100% matte Tin
D. Die Attach:
Conductive
E. Bondwire:
Au (1 mil dia.)
F. Mold Material:
Epoxy with silica filler
G. Assembly Diagram:
#05-9000-3809
H. Flammability Rating:
Class UL94-V0
I. Classification of Moisture Sensitivity per
JEDEC standard J-STD-020-C
Level 1
J. Single Layer Theta Ja:
47°C/W
K. Single Layer Theta Jc:
2°C/W
L. Multi Layer Theta Ja:
29°C/W
M. Multi Layer Theta Jc:
2°C/W
IV. Die Information
A. Dimensions:
99 X 101 mils
B. Passivation:
Si3N4/SiO2 (Silicon nitride/ Silicon dioxide)
C. Interconnect:
Al/0.5%Cu with Ti/TiN Barrier
D. Backside Metallization:
None
E. Minimum Metal Width:
Metal1 = 0.5 / Metal2 = 0.6 / Metal3 = 0.6 microns (as drawn)
F. Minimum Metal Spacing:
Metal1 = 0.45 / Metal2 = 0.5 / Metal3 = 0.6 microns (as drawn)
G. Bondpad Dimensions:
H. Isolation Dielectric:
SiO2
I. Die Separation Method:
Wafer Saw



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com