전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX9673 데이터시트(PDF) 4 Page - Maxim Integrated Products

부품명 MAX9673
상세설명  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9673 데이터시트(HTML) 4 Page - Maxim Integrated Products

  MAX9673 Datasheet HTML 1Page - Maxim Integrated Products MAX9673 Datasheet HTML 2Page - Maxim Integrated Products MAX9673 Datasheet HTML 3Page - Maxim Integrated Products MAX9673 Datasheet HTML 4Page - Maxim Integrated Products MAX9673 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAX9673
Maxim Integrated Products. All rights reserved.
Page 4
V. Quality Assurance Information
A. Quality Assurance Contacts:
Richard Aburano (Manager, Reliability Engineering)
Don Lipps (Manager, Reliability Engineering)
Bryan Preeshl (Vice President of QA)
B. Outgoing Inspection Level:
0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate:
< 50 ppm
D. Sampling Plan:
Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
The results of the 135C biased (static) life test are shown in Table 1. Using these results, the Failure Rate (
) is calculated as follows:
=
1
=
1.83
(Chi square value for MTTF upper limit)
MTTF
192 x 4340 x 48 x 2
(where 4340 = Temperature Acceleration factor assuming an activation energy of 0.8eV)
= 22.9 x 10
-9
= 22.9 F.I.T. (60% confidence level @ 25°C)
The following failure rate represents data collected from Maxim's reliability monitor program. Maxim performs quarterly life test
monitors on its processes. This data is published in the Reliability Report found at http://www.maxim-ic.com/qa/reliability/monitor.
Cumulative monitor data for the S45 Process results in a FIT Rate of 0.06 @ 25C and 1.00 @ 55C (0.8 eV, 60% UCL)
B. E.S.D. and Latch-Up Testing
The DV26 die type has been found to have all pins able to withstand a transient pulse of:
ESD-HBM:
+/- 2500V per JEDEC JESD22-A114 (lot TYXZAQ001E, D/C 0924)
ESD-CDM:
+/- 750V per JEDEC JESD22-C101 (lot TYXZAQ001E, D/C 0924)
ESD-MM:
+/- 250V per JEDEC JESD22-A115 (lot TYXZAQ001B, D/C 0924)
Latch-Up testing has shown that this device withstands a current of +/- 250mA and overvoltage per JEDEC JESD78 (lot
TYXZAQ001D, D/C 0924).



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com