| 전자부품 데이터시트 검색엔진 |
|
SL900A 데이터시트(PDF) 64 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL900A 데이터시트(HTML) 64 Page - ams AG |
|
64 / 103 page ![]() Page 64 ams Datasheet Document Feedback [v1-12] 2018-Oct-29 SL900A − Ex ternal Sensor Front-End (SFE) The external sensor interface has an auxiliary output pin (EXC) that can be used for supplying the external sensor either with a constant voltage or with an AC voltage signal (for capacitive sensor). Figure 49: EXC Output Pin Operation EXC Pin Controls EXT1 [1:0] sw_ext_en Standby Mode EXC Signal Output Comment 00 0 0 HI-Z The output drivers are disconnected 00 0 1 HI-Z The output drivers are disconnected 11 X X AC signal during external sensor conversion Is to be used only with capacitive sensors 00 1 0 VBAT The output is connected to the battery voltage for the duration of the conversion 00 1 1 HI-Z The output drivers are disconnected 00 1 0 VBAT The output is connected to the battery voltage for the duration of the conversion 00 1 1 HI-Z The output drivers are disconnected |