전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL900A 데이터시트(PDF) 29 Page - ams AG

부품명 SL900A
상세설명  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

SL900A 데이터시트(HTML) 29 Page - ams AG

Back Button SL900A Datasheet HTML 25Page - ams AG SL900A Datasheet HTML 26Page - ams AG SL900A Datasheet HTML 27Page - ams AG SL900A Datasheet HTML 28Page - ams AG SL900A Datasheet HTML 29Page - ams AG SL900A Datasheet HTML 30Page - ams AG SL900A Datasheet HTML 31Page - ams AG SL900A Datasheet HTML 32Page - ams AG SL900A Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
ams Datasheet
Page 29
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Commands
Write - #09
The WRITE command allows the interrogator to write a word (16
bits) in the tags Reserved, EPC, TID or User memory. Prior to
sending the Write command, the interrogator has to send the
REQ_RN command in order to receive a new RN16 that will be
used for cover-coding the data by EXOR-ing it with the RN16.
In case the data writing has been successful, the tag will
backscatter the response within 20ms after receiving the
command.
Kill - #10
The KILL command is used to permanently disable a tag. When
the tag receives the correct multi-step Kill procedure, it will
transition to the Killed state and will not send any response
thereafter.
Lock - #11
The LOCK command instructs the tag to lock the specified block
of the EEPROM memory. The Kill and Access passwords can be
Read/Write locked, while the EPC, TID and User block can only
be Write locked. The command will only be executed in the
Secured state.
Access - #12
The ACCESS command with a correct password and correct
multi-step procedure instructs the tag to transition from the
Open to the Secured state. When the tag has successfully
received the multi-step access procedure, it will backscatter its
handle.
BlockWrite - #13
The BLOCK_WRITE command writes a single word of data (16
bits) to the specified memory address. It provides faster data
writing than the WRITE command as it does not need a new
RN16 for every word of data that has to be written. In case the
data writing has been successful, the tag will backscatter the
response within 20ms after receiving the command.
BlockErase - #14
The BLOCK_ERASE command erases a single word in the
specified memory bank. In case the erase has been successful,
the tag will backscatter the response within 20ms after
receiving the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More