| 전자부품 데이터시트 검색엔진 |
|
SL900A 데이터시트(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL900A 데이터시트(HTML) 39 Page - ams AG |
|
39 / 103 page ![]() ams Datasheet Page 39 [v1-12] 2018-Oct-29 Document Feedback SL900A − Custom Command Description Start Log The START LOG command starts the logging process. It refreshes the data in the calibration registers, enables the RTC, writes the Start time and sets the Active bit in the “System status” field in the EEPROM. Command Structure: Successful Reply Structure: The “Start Time” Field is Composed as: The year for the 'Start Time' field assumes year 2000+ Year[5:0] so 2017 would be 010001. Get Log State The GET LOG STATE command reads the status of the logging process. The command can be used to quickly determine the current state of the product, together with the Shelf life and the Limit counter. Command Structure: Successful Reply Structure: OPTIONAL - only when Shelf Life flag is set in the EEPROM. SOF Custom Command Code Start Time Handle CRC Frame - sync 0xE0 0xA7 32 bits 16 bits 16 bits SOF Header Handle CRC EOF Pilot tone + preamble 1 bit [0] 16 bits 16 bits Dummy bit [1] Bit Number 31 … 26 25 … 22 21 … 17 16 … 12 11 … 6 5 … 0 Function Year [5:0] Month [3:0] Day [4:0] Hour [4:0] Minute [5:0] Second [5:0] SOF Custom Command Code Handle CRC Frame - sync 0xE0 0xA8 16 bits 16 bits SOF Hea der Limit Counter System Status SL-bloc k 0&1 Current Shelf Life Status Flags Han dle CRC EOF Pilot tone + preamble 1 bit [0] 32 bits 32 bits 64 bits (see Note) 24 bits (see Note) 8 bits 16 bits 16 bits Dum my bit [1] |