| 전자부품 데이터시트 검색엔진 |
|
STM32G070CB 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G070CB 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 93 page ![]() Pinouts, pin description and alternate functions STM32G070CB/KB/RB 32/93 DS12766 Rev 2 812 18 PA1 I/O FT_a - SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, USART4_RX, TIM15_CH1N, I2C1_SMBA, EVENTOUT ADC_IN1 913 19 PA2 I/O FT_a - SPI1_MOSI/I2S1_SD, USART2_TX, TIM15_CH1 ADC_IN2, WKUP4,LSCO 10 14 20 PA3 I/O FT_a - SPI2_MISO, USART2_RX, TIM15_CH2, EVENTOUT ADC_IN3 -15 21 PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI, TIM14_CH1, EVENTOUT ADC_IN4, RTC_OUT2 11 - - PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI, TIM14_CH1, EVENTOUT ADC_IN4, TAMP_IN1, RTC_TS, RTC_OUT1,WKUP2 12 16 22 PA5 I/O TT_a - SPI1_SCK/I2S1_CK, USART3_TX, EVENTOUT ADC_IN5 13 17 23 PA6 I/O FT_a - SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN, USART3_CTS, TIM16_CH1 ADC_IN6 14 18 24 PA7 I/O FT_a - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N, TIM14_CH1, TIM17_CH1 ADC_IN7 - - 25 PC4 I/O FT_a - USART3_TX, USART1_TX ADC_IN17 - - 26 PC5 I/O FT_a - USART3_RX, USART1_RX ADC_IN18, WKUP5 15 19 27 PB0 I/O FT_a (3) SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N, USART3_RX ADC_IN8 16 20 28 PB1 I/O FT_a - TIM14_CH1, TIM3_CH4, TIM1_CH3N, USART3_RTS_DE_CK, EVENTOUT ADC_IN9 17 21 29 PB2 I/O FT_a - SPI2_MISO, USART3_TX, EVENTOUT ADC_IN10 - 22 30 PB10 I/O FT_fa - USART3_TX, SPI2_SCK, I2C2_SCL ADC_IN11 Table 11. Pin assignment and description (continued) Pin Number Pin name (function upon reset) Alternate functions Additional functions |