전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32CUBEL4 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM32CUBEL4
상세설명  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 25Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 26Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 27Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 28Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 29Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 30Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 31Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 32Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DocID028080 Rev 1
29/37
UM1919
Demonstration firmware settings
36
5.5.4
Heap
The Heap size is defined in FreeRTOSConfig.h as follows:
Heap usage in the firmware demonstration is dedicated to:
•
OS resources (tasks, queues, mutexes, memory allocation)
•
Application memory allocation requirements
The demonstration firmware implements a hook in main.c to control the memory allocation
in the heap
Table 11. Heap usage
Applications
Description
Function (File)
Memory requirements
(bytes)
Audio Record
Record buffer
AudioRecorder_Start()
(Audiorecorder.c)
1024
Guitar tuner
Record buffer
GuitarTuner_Run()
(Guitartuner.c)
4096
Guitar tuner
Guitar tuner library
Processing buffer used
by Guitar tuner library
GuitarTuner_Init()
(Guitartuner.c)
< 16 Kbytes
Soundmeter
Record buffer
SoundMeter_Run()
(Soundmeter.c)
960
Soundmeter
Soundmeter library
Processing buffer used
by Soundmeter library
SoundMeter_Init()
(Soundmeter.c)
< 6 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37