전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32CUBEL4 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 STM32CUBEL4
상세설명  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 27Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 28Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 29Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 30Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 31Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 32Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 33Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 34Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID028080 Rev 1
31/37
UM1919
Demonstration firmware footprints
36
6
Demonstration firmware footprints
This section provides the memory requirements for all the demonstration modules. The aim
is to have an estimation of memory requirement in case of suppression or addition of a
module or feature.
The footprint information is provided for the following environment:
•
Tool chain: IAR 7.40.1
•
Optimization: high size
•
Board: STM32L476G discovery.
Table 12 shows the code memory, data memory and the constant memory used for each
application module file and related libraries.
Table 12. Modules footprint
Module
Code [Byte]
Data [byte]
Const [byte]
IDD
832
237
264
VDD
324
142
68
RECORD
1112
-
68
PLAYER
1212
-
68
COMPAS
1052
108
124
SOUND
+ SoundMeter library
638
4338
3932
12
508
8
GUITAR
+ GuitarTuner library
592
6704
12416
-
236
248
Main application
(Top menu
+ Option submenu)
274
276
376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37