| 전자부품 데이터시트 검색엔진 |
|
AS3933 데이터시트(PDF) 43 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3933 데이터시트(HTML) 43 Page - ams AG |
|
43 / 64 page ![]() Page 42 ams Datasheet Document Feedback [v1-08] 2015-Sep-02 AS3933 − Detailed Description The user can define the pattern to correlate in the registers R5<7:0> and R6<7:0> and can decide whether the stored pattern is a bit representation (16 Manchester bits corresponds to 8 Symbols) if R0<7>=0 or the symbol representation (16 symbols corresponds to 32 bits) of the pattern if R0<7>=1. The number of different pattern is 2^SYM, where SYM is the number of Manchester symbols. In case the R5<7:0> and R6<7:0> represent the bit sequence of the pattern there are 256 different possible combinations, while in case they are the symbol representation there are 65536 different patterns. 1 0 0 0 1 18 1 0 0 1 0 19 1 0 0 1 1 20 1 0 1 0 0 21 1 0 1 0 1 22 1 0 1 1 0 23 1 0 1 1 1 24 1 1 0 0 0 25 1 1 0 0 1 26 1 1 0 1 0 27 1 1 0 1 1 28 1 1 1 0 0 29 11 1 0 1 30 11 1 1 0 31 11 1 1 1 32 R7<4> R7<3> R7<2> R7<1> R7<0> Bit Duration in RTC Clock Periods |