전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3933 데이터시트(PDF) 46 Page - ams AG

부품명 AS3933
상세설명  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3933 데이터시트(HTML) 46 Page - ams AG

Back Button AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG AS3933 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ams Datasheet
Page 45
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
A graphic representation of the wake-up protocol is shown in
the Figure 51.
Figure 51:
Wake-Up Protocol Overview if Pattern Detection is Enabled
The minimum length for the carrier burst depends on the
operating frequency range (see Figure 36 bits R8<7:5>) and is
described in the Figure 52.
Figure 52:
Minimum Duration of the Carrier Burst
Note(s) and/or Footnote(s):
1. Tclk is the period of the clock generator.
2. Tcarr is the period of the carrier.
Operating Frequency
Range [kHz]
Minimum Duration of the
Carrier Burst
95-150
16·Tclk+16Tcarr
65-95
28·Tclk+16Tcarr
40-65
52·Tclk+16Tcarr
23-40
96·Tclk+16Tcarr
15-23
92·Tclk+8Tcarr
Carrier Burst
Preamble
Pattern
Data
WAKE
Clear_wake
DAT
Separation bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64