전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX189 데이터시트(PDF) 22 Page - Texas Instruments

부품명 OPAX189
상세설명  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX189 데이터시트(HTML) 22 Page - Texas Instruments

Back Button OPAX189 Datasheet HTML 18Page - Texas Instruments OPAX189 Datasheet HTML 19Page - Texas Instruments OPAX189 Datasheet HTML 20Page - Texas Instruments OPAX189 Datasheet HTML 21Page - Texas Instruments OPAX189 Datasheet HTML 22Page - Texas Instruments OPAX189 Datasheet HTML 23Page - Texas Instruments OPAX189 Datasheet HTML 24Page - Texas Instruments OPAX189 Datasheet HTML 25Page - Texas Instruments OPAX189 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
8.3.3 Input Bias Current Clock Feedthrough
Zero-drift amplifiers such as the OPAx189 use switching on the inputs to correct for the intrinsic offset and drift
of the amplifier. Charge injection from the integrated switches on the inputs can introduce short transients in
the input bias current of the amplifier. The extremely short duration of these pulses prevents the pulses from
amplifying, however the pulses may be coupled to the output of the amplifier through the feedback network.
The most effective method to prevent transients in the input bias current from producing additional noise at the
amplifier output is to use a low-pass filter such as an RC network.
8.3.4 EMI Rejection
The OPAx189 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx189
benefits from these design improvements. Texas Instruments has developed the ability to accurately measure
and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to
6 GHz. Figure 8-2 shows the results of this testing on the OPAx189. Table 8-1 lists the EMIRR +IN values for the
OPAx189 at particular frequencies commonly encountered in real-world applications. Applications listed in Table
8-1 may be centered on or operated near the particular frequency shown. Detailed information can also be found
in the EMI Rejection Ratio of Operational Amplifiers application report, available for download from www.ti.com.
0
20
40
60
80
100
120
10M
100M
1G
10G
Frequency (Hz)
C005
Figure 8-2. EMIRR Testing
Table 8-1. OPAx189 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION AND ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
(UHF) applications
48.4 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band
(1 GHz to 2 GHz)
69.1 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite,
S-band (2 GHz to 4 GHz)
88.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
82.5 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
95.5 dB
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of
RF signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has
a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com