전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX189 데이터시트(PDF) 28 Page - Texas Instruments

부품명 OPAX189
상세설명  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX189 데이터시트(HTML) 28 Page - Texas Instruments

Back Button OPAX189 Datasheet HTML 24Page - Texas Instruments OPAX189 Datasheet HTML 25Page - Texas Instruments OPAX189 Datasheet HTML 26Page - Texas Instruments OPAX189 Datasheet HTML 27Page - Texas Instruments OPAX189 Datasheet HTML 28Page - Texas Instruments OPAX189 Datasheet HTML 29Page - Texas Instruments OPAX189 Datasheet HTML 30Page - Texas Instruments OPAX189 Datasheet HTML 31Page - Texas Instruments OPAX189 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx189 operational amplifier combines precision offset and drift with excellent overall performance,
making the series an excellent for many precision applications. The precision offset drift of only 0.005 µV/°C
provides stability over the entire temperature range. In addition, the device pairs excellent CMRR, PSRR, and
AOL dc performance with outstanding low-noise operation. As with all amplifiers, applications with noisy or
high-impedance power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF
capacitors are adequate.
The following application examples highlight only a few of the circuits where the OPAx189 can be used.
9.2 Typical Applications
9.2.1 25-kHz Low-Pass Filter
+
±
OPAx189
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Copyright © 2017, Texas Instruments Incorporated
Figure 9-1. 25-kHz Low-Pass Filter
9.2.1.1 Design Requirements
Low-pass filters are commonly employed in signal processing applications to reduce noise and prevent aliasing.
The OPAx189 devices are designed to construct high-speed, high-precision active filters. Figure 9-1 shows a
second-order, low-pass filter commonly encountered in signal processing applications.
Use the following parameters for this design example:
• Gain = 5 V/V (inverting gain)
• Low-pass cutoff frequency = 25 kHz
• Second-order Chebyshev filter response with 3-dB gain peaking in the passband
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com