전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX189 데이터시트(PDF) 23 Page - Texas Instruments

부품명 OPAX189
상세설명  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX189 데이터시트(HTML) 23 Page - Texas Instruments

Back Button OPAX189 Datasheet HTML 19Page - Texas Instruments OPAX189 Datasheet HTML 20Page - Texas Instruments OPAX189 Datasheet HTML 21Page - Texas Instruments OPAX189 Datasheet HTML 22Page - Texas Instruments OPAX189 Datasheet HTML 23Page - Texas Instruments OPAX189 Datasheet HTML 24Page - Texas Instruments OPAX189 Datasheet HTML 25Page - Texas Instruments OPAX189 Datasheet HTML 26Page - Texas Instruments OPAX189 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
this section provides the EMIRR +IN, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
• Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
• The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance
• EMIRR is more simple to measure on noninverting pins than on other pins because the noninverting
input terminal can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the
noninverting input terminal with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier may result in adverse
effects, as the amplifier would not have sufficient loop gain to correct for signals with spectral content outside the
bandwidth. Conducted or radiated EMI on inputs, power supply, or output may result in unexpected DC offsets,
transient voltages, or other unknown behavior. Take care to properly shield and isolate sensitive analog nodes
from noisy radio signals and digital clocks and interfaces.
The EMIRR +IN of the OPAx189 is plotted versus frequency as shown in Figure 8-2. If available, any dual and
quad op amp device versions have nearly similar EMIRR +IN performance. The OPAx189 unity-gain bandwidth
is 14 MHz. EMIRR performance below this frequency denotes interfering signals that fall within the op amp
bandwidth.
8.3.5 EMIRR +IN Test Configuration
Figure 8-3 shows the circuit configuration for testing the EMIRR +IN. An RF source is connected to the op
amp noninverting input terminal using a transmission line. The op amp is configured in a unity-gain buffer
topology with the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance
mismatch at the op amp input causes a voltage reflection; however, this effect is characterized and accounted
for when determining the EMIRR IN+. The multimeter samples and measures the resulting DC offset voltage.
The LPF isolates the multimeter from residual RF signals that may interfere with multimeter accuracy.
+
±
50
Digital
Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
V+
V±
Not shown: 0.1 µF and 10 µF supply decoupling
RF Source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Low-Pass
Filter
Figure 8-3. EMIRR +IN Test Configuration
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com