전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-15573 데이터시트(PDF) 5 Page - SparkFun Electronics

부품명 DEV-15573
상세설명  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 데이터시트(HTML) 5 Page - SparkFun Electronics

  DEV-15573 Datasheet HTML 1Page - SparkFun Electronics DEV-15573 Datasheet HTML 2Page - SparkFun Electronics DEV-15573 Datasheet HTML 3Page - SparkFun Electronics DEV-15573 Datasheet HTML 4Page - SparkFun Electronics DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
and verify signatures. We use the private key to sign the data, and we use the public key to verify data. This is also
known as an asymetric cryptographic process.
Now that we're talking private and public key pairs, let's clearly define what we need to create a digital signature,
and what we need to verify a digital signature:
To create a digital signature we need:
To verify a digital signature we need:
1. Data
2. Private Key
3. Algorithm
1. Data
2. Signature
3. Public Key
4. Algorithm
Algorithm output: a new digital signature
Algorithm output: yes or no
From Alice to Bob
Although you can accomplish a few neat things using only one of these chips (signing data, verifying signatures,
creating high-quality random numbers, etc.), the truly powerful communication security starts when you have two
of them (we will refer to them as Alice and Bob).
Our Arduino library utilizes the old story of Alice, Bob and Eve. If you read up on cryptography, you will often come
across these names. Alice and Bob are always trying to have a private conversation, but Eve keeps
eavesdropping (and sometimes trying to impersonate Alice). So Alice and Bob start using cryptography to keep
Eve out of the mix.
Side note: In a lot of traditional examples, Alice and Bob are encrypting and decrypting their messages. I want to
highlight here again, that this chip utilizes a different cryptographic tool: authentication. With the ATECC508A, we
can create and verify signatures. The message is still sent out in the open/public for Eve to clearly read. However,
Eve will never have Alice's private key and could never create a valid signature (to authenticate the message).
Therefore, Eve can never pretend to be Alice!
In our examples, Alice is sending a message to Bob. Alice can use her own co-processor to create a digital
signature. She can then send her message and signature to Bob. Bob can then use his own separate co-
processor to verify the message and signature.
An example demonstrating the functionality of an asymmetric key pair (Alice and Bob).
If you are brand new to cryptography, take a minute to watch the above gif loop a couple times. It shows the basic
steps necessary to have an authenticated message from Alice to Bob. The use of a private/public key pair can be
a bit daunting at first sight, but after going through this tutorial, we hope it can become a piece of cake.
Hardware Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31