전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-15573 데이터시트(PDF) 9 Page - SparkFun Electronics

부품명 DEV-15573
상세설명  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 데이터시트(HTML) 9 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics DEV-15573 Datasheet HTML 10Page - SparkFun Electronics DEV-15573 Datasheet HTML 11Page - SparkFun Electronics DEV-15573 Datasheet HTML 12Page - SparkFun Electronics DEV-15573 Datasheet HTML 13Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Board Dimensions
For those interested, the basic board dimensions are shown below, all measurements are in inches and the grid
spacing is 0.1". The SparkFun Cryptographic Co-processor PCB itself, measures (approximately) 1x1 inch.
Additionially, we have provided a PDF of the dimensional drawing, if necessary.
Board dimensions in inches.
Hardware Hookup
Note: To follow this tutorial, an Artemis microcontroller board has to be used with this product due to the
buffer size required for the I C bus.
For more advanced users, other microcontrollers can be used, but the buffer size of Wire library and/or the
syntax for the serial print statements will need to be modified. (*This is outside the scope of this tutorial.)
With the Qwiic connector system, assembling the hardware is fairly simple. For the examples below, all you need
to do is connect your Cryptographic Co-Processor Breakout to a RedBoard Artemis with a Qwiic cable. Otherwise,
you can use the I C pins, if you don't have a Qwiic connector on your microcontroller board. Just be aware of your
input voltage and any logic level shifting you may need to do. (*Don't forget to plug the Artemis into a computer
with a USB-C cable.)
Hardware assembly between the RedBoard Artemis and a Cryptographic Co-Processor Breakout board.
Note, the setup shown here is used for the configuration example and the single-board examples (1,2,3 and 5).
For the more advanced examples that involve Alice and Bob (Example 4 and Example 6), you will need to setup
two Artemis boards - each with their own co-processor. Additional hardware hookup instructions are included at
those sections.
Software Setup
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31