전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-15573 데이터시트(PDF) 19 Page - SparkFun Electronics

부품명 DEV-15573
상세설명  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 데이터시트(HTML) 19 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 15Page - SparkFun Electronics DEV-15573 Datasheet HTML 16Page - SparkFun Electronics DEV-15573 Datasheet HTML 17Page - SparkFun Electronics DEV-15573 Datasheet HTML 18Page - SparkFun Electronics DEV-15573 Datasheet HTML 19Page - SparkFun Electronics DEV-15573 Datasheet HTML 20Page - SparkFun Electronics DEV-15573 Datasheet HTML 21Page - SparkFun Electronics DEV-15573 Datasheet HTML 22Page - SparkFun Electronics DEV-15573 Datasheet HTML 23Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
����Warning: Configuration settings are PERMANENT. We would like to stress the fact that these cannot be
changed later. If you intend to follow along with this tutorial, then configure with SparkFun standard
settings.
If you intend to use different features of the co-processor like the Diffie-Hellman Key Exchange and some of
its other use cases, please consider designing your own custom configuration. This hookup guide only
focuses on digital signature creation and verification.
This example shows how to setup your Cryptographic Co-processor with SparkFun's standard settings. This will
allow you to sign data and verify data with external signatures. The type of private keys we use in all of these
examples are ECC. We have also included an example to use the random number generator and a challenge
example. Beyond these functions, you may need to start with a different custom configuration.
To configure, upload Example1_Configuration.ino and open a serial terminal at 115200 baud. If communication
with a fresh chip is successful, your Artemis will print out some useful information about your chip.
It will then prompt you to type a y to configure your device. Note, if you do not wish to configure your device, you
can simply unplug at this time. Also, did we mention yet, that if you type a y , there's no going back.
Output in the Arduino Serial Monitor.
Example 2: Sign
This example shows how to create a digital signature. To try it out, simply upload the Example2_Sign.ino , and
watch your serial terminal at 115200 baud. Note, you may need to hit reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31