전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCE85176AUG/DA 데이터시트(PDF) 47 Page - NXP Semiconductors

부품명 PCE85176AUG/DA
상세설명  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA 데이터시트(HTML) 47 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 40Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 41Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 42Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 43Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 44Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 45Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 46Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 47Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
47 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
25. Figures
Fig 1.
Block diagram of PCE85176AUG . . . . . . . . . . . . .2
Fig 2.
Pinning diagram for PCE85176AUG (bare die) . . .3
Fig 3.
Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . . .9
Fig 4.
Relationship between LCD layout, drive mode,
display RAM filling order, and display data
transmitted over the I2C-bus . . . . . . . . . . . . . . . .10
Fig 5.
RAM writing procedure . . . . . . . . . . . . . . . . . . . . 11
Fig 6.
RAM banks in static and multiplex
driving mode 1:2 . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 7.
Bank selection . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 8.
Example of the Bank-select command with
multiplex drive mode 1:2 . . . . . . . . . . . . . . . . . . .15
Fig 9.
Example of displays suitable for PCE85176AUG 16
Fig 10. Typical system configuration . . . . . . . . . . . . . . . .16
Fig 11. Electro-optical characteristic: relative transmission
curve of the liquid. . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 12. Static drive mode waveforms . . . . . . . . . . . . . . . .20
Fig 13. Waveforms for the 1:2 multiplex drive mode
with 1⁄2 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 14. Waveforms for the 1:2 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 15. Waveforms for the 1:3 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 16. Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 17. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 18. Definition of START and STOP conditions. . . . . .26
Fig 19. System configuration . . . . . . . . . . . . . . . . . . . . . .27
Fig 20. Acknowledgement of the I2C-bus . . . . . . . . . . . .27
Fig 21. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 22. Format of command byte . . . . . . . . . . . . . . . . . . .28
Fig 23. Device protection diagram . . . . . . . . . . . . . . . . . .29
Fig 24. Driver timing waveforms . . . . . . . . . . . . . . . . . . .33
Fig 25. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .33
Fig 26. Track resistances on the SDA and VSS line . . . . .34
Fig 27. Bare die outline of PCE85176AUG . . . . . . . . . . .35
Fig 28. Alignment marks of PCE85176AUG . . . . . . . . . .37
Fig 29. Tray details for PCE85176AUG . . . . . . . . . . . . . .38
Fig 30. Tray alignment for PCE85176AUG tray . . . . . . . .39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48