| 전자부품 데이터시트 검색엔진 |
|
PCE85176AUG/DA 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE85176AUG/DA 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 48 page ![]() PCE85176AUG All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 12 January 2015 6 of 48 NXP Semiconductors PCE85176AUG 4 × 40 LCD segment driver for Chip-On-Glass 7.1.3 Command: Initialize-RAM 7.1.4 Command: bank-select The bank-select command controls where data is written to RAM and where it is displayed from. [1] The bank-select command has no effect in 1:3 and 1:4 multiplex drive modes. Table 11. Initialize-RAM command bit allocation Bit 7 6 5 4 3 2 1 0 Symbol C 11 000 00 Table 12. Initialize-RAM command bit description See Section 7.3.1. Bit Symbol Value Description 7C 0, 1 see Table 6 6 to 0 - 1100000 initializing the RAM access Table 13. Bank-select command bit allocation Bit 7 6 5 4 3 2 1 0 Symbol C 11 110 I O Table 14. Bank-select command bit description See Section 7.3.4. Bit Symbol Value Description Static 1:2 multiplex[1] 7C 0, 1 see Table 6 6 to 2 - 11110 fixed value 1I input bank selection; storage of arriving display data 0 RAM row 0 RAM rows 0 and 1 1 RAM row 2 RAM rows 2 and 3 0O output bank selection; retrieval of LCD display data 0 RAM row 0 RAM rows 0 and 1 1 RAM row 2 RAM rows 2 and 3 |