| 전자부품 데이터시트 검색엔진 |
|
STM32F730R8 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730R8 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 202 page ![]() Pinouts and pin description STM32F730x8 62/202 DS12536 Rev 2 - - 78 R15 PB15 I/O FT - OTG_HS_DP - -55 79 P15 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - -56 80 P14 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - - 57 81 N15 PD10 I/O FT - USART3_CK, FMC_D15, EVENTOUT - -58 82 N14 PD11 I/O FT - USART3_CTS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_A16/FMC_CLE, EVENTOUT - - 59 83 N13 PD12 I/O FT - TIM4_CH1, LPTIM1_IN1, USART3_RTS, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_A17/FMC_ALE, EVENTOUT - - 60 84 M15 PD13 I/O FT - TIM4_CH2, LPTIM1_OUT, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, EVENTOUT - - - 85 - VSS S - - - - - - 86 J13 VDD S - - - - - 61 87 M14 PD14 I/O FT - TIM4_CH3, UART8_CTS, FMC_D0, EVENTOUT - -62 88 L14 PD15 I/O FT - TIM4_CH4, UART8_RTS, FMC_D1, EVENTOUT - - - 89 L15 PG2 I/O FT - FMC_A12, EVENTOUT - - - 90 K15 PG3 I/O FT - FMC_A13, EVENTOUT - - - 91 K14 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - - 92 K13 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - - - - - PG6 I/O FT - EVENTOUT - -- - - PG7 I/O FT - USART6_CK, FMC_INT, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |