전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F730R8 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STM32F730R8
상세설명  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730R8 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STM32F730R8 Datasheet HTML 12Page - STMicroelectronics STM32F730R8 Datasheet HTML 13Page - STMicroelectronics STM32F730R8 Datasheet HTML 14Page - STMicroelectronics STM32F730R8 Datasheet HTML 15Page - STMicroelectronics STM32F730R8 Datasheet HTML 16Page - STMicroelectronics STM32F730R8 Datasheet HTML 17Page - STMicroelectronics STM32F730R8 Datasheet HTML 18Page - STMicroelectronics STM32F730R8 Datasheet HTML 19Page - STMicroelectronics STM32F730R8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 202 page
background image
Description
STM32F730x8
16/202
DS12536 Rev 2
3. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
4. The SDMMC2 supports a dedicated power rail for clock, command and data 0..4 lines, feature available starting from 144
pin package.
5. The SDMMC2 is not available on the STM32F730Vx devices.
6. 216 MHz maximum frequency for - 40°C to + 85°C ambient temperature range (200 MHz maximum frequency for - 40°C
to + 105°C ambient temperature range).
7. VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to Section 3.15.2: Internal reset OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More