| 전자부품 데이터시트 검색엔진 |
|
STM32F730R8 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730R8 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 202 page ![]() DS12536 Rev 2 65/202 STM32F730x8 Pinouts and pin description 83 53 80 113 A12 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDMMC1_CK, EVENTOUT - - 81 114 B12 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - - 82 115 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - 54 83 116 D12 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDMMC1_CMD, EVENTOUT - -84 117 D11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, EVENTOUT - -85 118 D10 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - -86 119 C11 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - - 120 D8 VSS S - - - - - - 121 C8 VDDSDMMC S - - - - -87 122 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, SDMMC2_CK, FMC_NWAIT, EVENTOUT - -88 123 A11 PD7 I/O FT - USART2_CK SDMMC2_CMD, FMC_NE1, EVENTOUT - - - 124 C10 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, SAI2_FS_B, SDMMC2_D0, FMC_NE2/FMC_NCE, EVENTOUT - - - 125 B10 PG10 I/O FT - SAI2_SD_B, SDMMC2_D1, FMC_NE3, EVENTOUT - -- 126 B9 PG11 I/O FT - SDMMC2_D2, FMC_INT, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |