전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC572LX 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 SPC572LX
상세설명  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 8Page - STMicroelectronics SPC572LX Datasheet HTML 9Page - STMicroelectronics SPC572LX Datasheet HTML 10Page - STMicroelectronics SPC572LX Datasheet HTML 11Page - STMicroelectronics SPC572LX Datasheet HTML 12Page - STMicroelectronics SPC572LX Datasheet HTML 13Page - STMicroelectronics SPC572LX Datasheet HTML 14Page - STMicroelectronics SPC572LX Datasheet HTML 15Page - STMicroelectronics SPC572LX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
Introduction
SPC572Lx
12/112
DocID027866 Rev 5
•
1 Clock Calibration on CAN Unit (CCCU)
•
Fast Ethernet Controller (FEC)
•
Fast Asynchronous Serial Transmission (LFAST)
•
Nexus Development Interface (NDI) per IEEE-ISTO 5001-2003 standard, with partial
support for 2010 standard
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1 and
IEEE 1149.7)
•
On-chip voltage regulator controller manages the supply voltage down to 1.2 V for core
logic
•
Self-test capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More