| 전자부품 데이터시트 검색엔진 |
|
STM32F107RB 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107RB 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 108 page ![]() Pinouts and pin description STM32F105xx, STM32F107xx 28/108 DocID15274 Rev 10 H2 15 24 PA1 I/O - PA1 USART2_RTS(7)/ ADC12_IN1/ TIM5_CH2 /TIM2_CH2(7)/ ETH_MII_RX_CLK/ ETH_RMII_REF_CLK - J2 16 25 PA2 I/O - PA2 USART2_TX(7)/ TIM5_CH3/ADC12_IN2/ TIM2_CH3 (7)/ ETH_MII_MDIO/ ETH_RMII_MDIO - K2 17 26 PA3 I/O - PA3 USART2_RX(7)/ TIM5_CH4/ADC12_IN3 / TIM2_CH4(7)/ ETH_MII_COL - E4 18 27 VSS_4 S - VSS_4 - - F4 19 28 VDD_4 S - VDD_4 - - G3 20 29 PA4 I/O - PA4 SPI1_NSS(7)/DAC_OUT1 / USART2_CK(7) / ADC12_IN4 SPI3_NSS/I2S3_WS H3 21 30 PA5 I/O - PA5 SPI1_SCK(7) / DAC_OUT2 / ADC12_IN5 - J3 22 31 PA6 I/O - PA6 SPI1_MISO(7)/ADC12_IN6 / TIM3_CH1(7) TIM1_BKIN K3 23 32 PA7 I/O - PA7 SPI1_MOSI(7)/ADC12_IN7 / TIM3_CH2(7)/ ETH_MII_RX_DV(8)/ ETH_RMII_CRS_DV TIM1_CH1N G4 24 33 PC4 I/O - PC4 ADC12_IN14/ ETH_MII_RXD0(8)/ ETH_RMII_RXD0 - H4 25 34 PC5 I/O - PC5 ADC12_IN15/ ETH_MII_RXD1(8)/ ETH_RMII_RXD1 - J4 26 35 PB0 I/O - PB0 ADC12_IN8/TIM3_CH3/ ETH_MII_RXD2(8) TIM1_CH2N K4 27 36 PB1 I/O - PB1 ADC12_IN9/TIM3_CH4(7)/ ETH_MII_RXD3(8) TIM1_CH3N G5 28 37 PB2 I/O FT PB2/BOOT1 - - H5 - 38 PE7 I/O FT PE7 - TIM1_ETR J5 - 39 PE8 I/O FT PE8 - TIM1_CH1N Table 5. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |