전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STM32L4
상세설명  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 3Page - STMicroelectronics STM32L4 Datasheet HTML 4Page - STMicroelectronics STM32L4 Datasheet HTML 5Page - STMicroelectronics STM32L4 Datasheet HTML 6Page - STMicroelectronics STM32L4 Datasheet HTML 7Page - STMicroelectronics STM32L4 Datasheet HTML 8Page - STMicroelectronics STM32L4 Datasheet HTML 9Page - STMicroelectronics STM32L4 Datasheet HTML 10Page - STMicroelectronics STM32L4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
STM32L4+ System Architecture
6
32-bit multilayer AHB bus matrix, 9 Masters, 11 Slaves
DMA1
DMA2
DMA2D
LCD-TFT
Cortex-M4
SDMMC1
GFXMMU(1)
SDMMC2(2)
SRAM1
SRAM2
GFXMMU(1)
AHB1
Peripheral
FMC
OCTOPI1
FLASH
up to 2 MB
BusMatrix-S
SRAM3
ICode
DCode
AHB2
Peripheral
OCTOPI2
(1) GFXMMU is only available on STM32L4P5xx/4Q5xx devices
(2) SDMMC2 is only available on STM32L4Rxxx/4Sxxx devices
The STM32L4+ main system architecture consists of 32-bit
multilayer AHB bus matrix that interconnects 9 masters and
11 slaves. The main differences with STM32L476/486
devices are highlighted in pink square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33