전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STM32L4
상세설명  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 13Page - STMicroelectronics STM32L4 Datasheet HTML 14Page - STMicroelectronics STM32L4 Datasheet HTML 15Page - STMicroelectronics STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
STM32L4+ Flash Memory
Up to 2 Mbytes : 256 pages
• Single Bank: Page size = 8 Kbytes,
• Dual Bank: Page size = 4 Kbytes
1 Kbyte OTP (one-time programmable)
Flash memory read operations with two data width modes :
• Single bank mode DBANK=0: read access of 128 bits
• Dual bank mode DBANK=1: read access of 64 bits
Protections:
• Single Bank: 4 WPR areas, 2 PCROP areas
• Dual Bank: 2 WPR areas per bank, 1 PCROP area per bank
16
The flash memory can be configured by option byte
(DBANK) in single bank mode with 128-bit read access or
in dual bank mode with 64-bit read access.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33