전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STM32L4
상세설명  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 9Page - STMicroelectronics STM32L4 Datasheet HTML 10Page - STMicroelectronics STM32L4 Datasheet HTML 11Page - STMicroelectronics STM32L4 Datasheet HTML 12Page - STMicroelectronics STM32L4 Datasheet HTML 13Page - STMicroelectronics STM32L4 Datasheet HTML 14Page - STMicroelectronics STM32L4 Datasheet HTML 15Page - STMicroelectronics STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Embedded SRAM Memory Mapping
Up to 640KB, All SRAMs are contiguous
12
0x1001 0000
STM32L4Rxxx/4Sxxx
(640 Kbytes)
SRAM1 (192 Kbyte)
SRAM2 (64 Kbyte)
SRAM3 (384 Kbyte)
STM32L476/L486
(128 Kbytes)
GFXMMU Virtual Buffer
SRAM1 (96 Kbyte)
0x2000 0000
0x200A 0000
0x2004 0000
0x3000 0000
0x4000 0000
0x1000 0000
0x2003 0000
0x1000 8000
0x2000 0000
0x4000 0000
0x1000 0000
0x2001 8000
SRAM2 ( 64 Kbyte)
SRAM2 ( 32 Kbyte)
0x1001 0000
SRAM1 (128 Kbyte)
SRAM2 (64 Kbyte)
SRAM3 (128 Kbyte)
GFXMMU Virtual Buffer
0x2000 0000
0x2005 0000
0x2003 0000
0x3000 0000
0x4000 0000
0x1000 0000
0x2002 0000
SRAM2 ( 64 Kbyte)
STM32L4P5xx/4Q5xx
(320 Kbytes)
The STM32L4+ Series devices feature an additional
SRAM3. Compared to STM32L476xx/486xx devices, the
SRAM2 is contiguous to the SRAM1 and it is still mapped
at 0x1000 0000 address.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33