전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0B1VB 데이터시트(PDF) 122 Page - STMicroelectronics

부품명 STM32G0B1VB
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB 데이터시트(HTML) 122 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 118Page - STMicroelectronics STM32G0B1VB Datasheet HTML 119Page - STMicroelectronics STM32G0B1VB Datasheet HTML 120Page - STMicroelectronics STM32G0B1VB Datasheet HTML 121Page - STMicroelectronics STM32G0B1VB Datasheet HTML 122Page - STMicroelectronics STM32G0B1VB Datasheet HTML 123Page - STMicroelectronics STM32G0B1VB Datasheet HTML 124Page - STMicroelectronics STM32G0B1VB Datasheet HTML 125Page - STMicroelectronics STM32G0B1VB Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
122/159
DS13560 Rev 2
USB full speed (FS) characteristics
The STM32G0B1xB/xC/xE USB interface is fully compliant with the USB specification
version 2.0 and is USB-IF certified (for Full-speed device operation).
tsu(NSS)
NSS setup time
Slave mode
tker + 2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
CK high time
Master mode
1 / fCK / 2
- 1
1 / fCK / 2
1 / fCK / 2
+ 1
tw(CKL)
CK low time
tsu(RX)
Data input setup time
Master mode
tker + 2
-
-
Slave mode
4
-
-
th(RX)
Data input hold time
Master mode
1
-
-
Slave mode
0.5
-
-
tv(TX)
Data output valid time
Master mode
-
0.5
1
Slave mode
-
10
19
th(TX)
Data output hold time
Master mode
0
-
-
Slave mode
7
-
-
Table 77. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 78. USB DC electrical characteristics
Symbol
Parameter
Conditions
Min(1)
1. All the voltages are measured from the local ground potential.
Typ
Max(1) Unit
VDDUSB
USB full speed transceiver
operating voltage
-3.0(2)
2. The USB full speed transceiver functionality is ensured down to 2.7 V but not the full USB full speed
electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI(3)
3. Guaranteed by design.
Differential input sensitivity
Over VCM range
0.2
-
-
V
VCM(3)
Differential input common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver input
threshold
-
0.8
-
2.0
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V(4)
4. RL is the load connected on the USB full speed drivers.
--
0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD(3)
Pull down resistor on PA11,
PA12 (USB_FS_DP/DM)
VIN = VDD
14.25
-
24.8
kΩ
RPU(3)
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS, during idle
0.9
1.25
1.575
kΩ
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS during
reception
1.425
2.25
3.09
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com