전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0B1VB 데이터시트(PDF) 124 Page - STMicroelectronics

부품명 STM32G0B1VB
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB 데이터시트(HTML) 124 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 120Page - STMicroelectronics STM32G0B1VB Datasheet HTML 121Page - STMicroelectronics STM32G0B1VB Datasheet HTML 122Page - STMicroelectronics STM32G0B1VB Datasheet HTML 123Page - STMicroelectronics STM32G0B1VB Datasheet HTML 124Page - STMicroelectronics STM32G0B1VB Datasheet HTML 125Page - STMicroelectronics STM32G0B1VB Datasheet HTML 126Page - STMicroelectronics STM32G0B1VB Datasheet HTML 127Page - STMicroelectronics STM32G0B1VB Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
Electrical characteristics
STM32G0B1xB/xC/xE
124/159
DS13560 Rev 2
CAN (controller area network) interface
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (FDCANx_TX and FDCANx_RX).
5.3.25
UCPD characteristics
UCPD1 and UCPD2 controllers comply with USB Type-C Rev.1.2 and USB Power Delivery
Rev. 3.0 specifications.
RDAT_LKG
Data line leakage
resistance
-300
-
-
kΩ
VDAT_LKG
Data line leakage voltage
-
0.0
-
3.6
V
RDCP_DAT
Dedicated charging port
resistance across D+/D-
--
-
200
Ω
VLGC_HI
Logic high
-
2.0
-
3.6
V
VLGC_LOW
Logic low
-
-
-
0.8
V
VLGC
Logic threshold
-
0.8
-
2.0
V
VDAT_REF
Data detect voltage
-
0.25
-
0.4
V
VDP_SRC
D+ source voltage
-
0.5
-
0.7
V
VDM_SRC
D- source voltage
-
0.5
-
0.7
V
IDP_SINK
D+ sink current
-
25
-
175
μA
IDM_SINK
D- sink current
-
25
-
175
μA
1. Guaranteed by design.
Table 80. USB BCD DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 81. UCPD operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating supply
voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com