전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H725AE 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 STM32H725AE
상세설명  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 72Page - STMicroelectronics STM32H725AE Datasheet HTML 73Page - STMicroelectronics STM32H725AE Datasheet HTML 74Page - STMicroelectronics STM32H725AE Datasheet HTML 75Page - STMicroelectronics STM32H725AE Datasheet HTML 76Page - STMicroelectronics STM32H725AE Datasheet HTML 77Page - STMicroelectronics STM32H725AE Datasheet HTML 78Page - STMicroelectronics STM32H725AE Datasheet HTML 79Page - STMicroelectronics STM32H725AE Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 283 page
background image
Pinouts, pin descriptions and alternate functions
STM32H725xE/G
76/282
DS13311 Rev 3
-
43
J7
67
W4
M9
P10
79
PB11
I/O
FT_f
-
TIM2_CH4,
LPTIM2_ETR,
I2C2_SDA,
DFSDM1_CKIN7,
USART3_RX(boot),
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH
_RMII_TX_EN,
LCD_G5, EVENTOUT
-
33
44
G6
68
Y3
N10 R13
80
VCAP
S
-
-
-
-
34
45
-
69
AA2
-
-
81
VSS
S
-
-
-
-
-
46
F7
70
W2
M10 R14
82
VDDLDO
S
-
-
-
-
35
47
-
71
Y1
-
-
-
VDD
S
-
-
-
-
-
-
-
-
-
-
P15
-
PH6
I/O
FT_h
-
TIM12_CH1,
I2C2_SMBA,
SPI5_SCK,
ETH_MII_RXD2,
FMC_SDNE1,
DCMI_D8/PSSI_D8,
EVENTOUT
-
-
-
-
-
-
-
M11
-
PH7
I/O
FT_fh
-
I2C3_SCL,
SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9/PSSI_D9,
EVENTOUT
-
-
-
-
-
-
-
N13
-
PH8
I/O
FT_fh
-
TIM5_ETR,
I2C3_SDA, FMC_D16,
DCMI_HSYNC/PSSI_
DE, LCD_R2,
EVENTOUT
-
-
-
-
-
-
-
M14
-
PH9
I/O
FT_h
-
TIM12_CH2,
I2C3_SMBA,
FMC_D17,
DCMI_D0/PSSI_D0,
LCD_R3, EVENTOUT
-
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com