전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H725AE 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 STM32H725AE
상세설명  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 78Page - STMicroelectronics STM32H725AE Datasheet HTML 79Page - STMicroelectronics STM32H725AE Datasheet HTML 80Page - STMicroelectronics STM32H725AE Datasheet HTML 81Page - STMicroelectronics STM32H725AE Datasheet HTML 82Page - STMicroelectronics STM32H725AE Datasheet HTML 83Page - STMicroelectronics STM32H725AE Datasheet HTML 84Page - STMicroelectronics STM32H725AE Datasheet HTML 85Page - STMicroelectronics STM32H725AE Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 283 page
background image
Pinouts, pin descriptions and alternate functions
STM32H725xE/G
82/282
DS13311 Rev 3
-
-
-
-
-
H11
F15 115
PG5
I/O
FT_h
-
TIM1_ETR,
FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
-
86
-
G9
F14 116
PG6
I/O
FT_h
-
TIM17_BKIN,
OCTOSPIM_P1_NCS,
FMC_NE3,
DCMI_D12/PSSI_D12,
LCD_R7, EVENTOUT
-
-
-
-
87
-
G10 G13 117
PG7
I/O
FT_h
-
SAI1_MCLK_A,
USART6_CK,
OCTOSPIM_P2_DQS,
FMC_INT,
DCMI_D13/PSSI_D13,
LCD_CLK,
EVENTOUT
-
-
-
-
88
-
G11 G12 118
PG8
I/O
FT_h
-
TIM8_ETR,
SPI6_NSS/I2S6_WS,
USART6_RTS/USART
6_DE,
SPDIFRX1_IN3,
ETH_PPS_OUT,
FMC_SDCLK,
LCD_G7, EVENTOUT
-
-
-
-
89
P1
-
-
119
VSS
S
-
-
-
-
-
-
-
90
K1
G12 E15 120
VDD50
USB
S-
-
-
-
-
-
E8
91
J2
G13 F13 121
VDD33
USB
S-
-
-
-
--
-
92
-
-
-
-
VDD
S
-
-
-
-
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com