전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H725AE 데이터시트(PDF) 97 Page - STMicroelectronics

부품명 STM32H725AE
상세설명  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE 데이터시트(HTML) 97 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 93Page - STMicroelectronics STM32H725AE Datasheet HTML 94Page - STMicroelectronics STM32H725AE Datasheet HTML 95Page - STMicroelectronics STM32H725AE Datasheet HTML 96Page - STMicroelectronics STM32H725AE Datasheet HTML 97Page - STMicroelectronics STM32H725AE Datasheet HTML 98Page - STMicroelectronics STM32H725AE Datasheet HTML 99Page - STMicroelectronics STM32H725AE Datasheet HTML 100Page - STMicroelectronics STM32H725AE Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 283 page
background image
Port A
PA7
-
TIM1_C
H1N
TIM3_C
H2
TIM8_C
H1N
-
SPI1_M
OSI/I2S1
_SDO
--
SPI6_M
OSI/I2S6
_SDO
TIM14_C
H1
OCTOS
PIM_P1_
IO2
ETH_MII
_RX_DV
/ETH_R
MII_CRS
_DV
FMC_SD
NWE
-
LCD_VS
YNC
EVENTO
UT
PA8
MCO1
TIM1_C
H1
-
TIM8_B
KIN2
I2C3_SC
L
-
I2C5_SC
L
USART1
_CK
--
OTG_HS
_SOF
UART7_
RX
TIM8_B
KIN2_C
OMP12
LCD_B3
LCD_R6
EVENTO
UT
PA9
-
TIM1_C
H2
-
LPUART
1_TX
I2C3_S
MBA
SPI2_SC
K/I2S2_
CK
I2C5_S
MBA
USART1
_TX
--
-
ETH_TX
_ER
-
DCMI_D
0/PSSI_
D0
LCD_R5
EVENTO
UT
PA10
-
TIM1_C
H3
-
LPUART
1_RX
--
-
USART1
_RX
--
OTG_HS
_ID
MDIOS_
MDIO
LCD_B4
DCMI_D
1/PSSI_
D1
LCD_B1
EVENTO
UT
PA11
-
TIM1_C
H4
-
LPUART
1_CTS
-
SPI2_NS
S/I2S2_
WS
UART4_
RX
USART1
_CTS/U
SART1_
NSS
-
FDCAN1
_RX
-
-
-
-
LCD_R4
EVENTO
UT
PA12
-
TIM1_ET
R
-
LPUART
1_RTS/L
PUART1
_DE
-
SPI2_SC
K/I2S2_
CK
UART4_
TX
USART1
_RTS/U
SART1_
DE
SAI4_FS
_B
FDCAN1
_TX
--
TIM1_B
KIN2
-
LCD_R5
EVENTO
UT
PA13
JTMS/SWDIO
---
--
--
--
---
--
EVENTO
UT
PA14
JTCK/SWCLK
---
--
--
--
---
--
EVENTO
UT
PA15
JTDI
TIM2_C
H1/TIM2
_ETR
--
CEC
SPI1_NS
S/I2S1_
WS
SPI3_NS
S/I2S3_
WS
SPI6_NS
S/I2S6_
WS
UART4_
RTS/UA
RT4_DE
LCD_R3
-
UART7_
TX
-
-
LCD_B6
EVENTO
UT
Table 9. STM32H725 pin alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/LP
TIM1/SA
I4/TIM16
/17/TIM1
x/TIM2x
FDCAN3
/PDM_S
AI1/TIM3
/4/5/12/1
5
DFSDM1
/LCD/LP
TIM2/3/4
/5/LPUA
RT1/OC
TOSPIM
_P1/2/TI
M8
CEC/DC
MI/PSSI/
DFSDM1
/I2C1/2/3
/4/5/LPTI
M2/OCT
OSPIM_
P1/TIM1
5/USAR
T1/10
CEC/FD
CAN3/S
PI1/I2S1/
SPI2/I2S
2/SPI3/I2
S3/SPI4/
5/6
DFSDM1
/I2C4/5/
OCTOS
PIM_P1/
SAI1/SPI
3/I2S3/U
ART4
SDMMC
1/SPI2/I2
S2/SPI3/
I2S3/SPI
6/UART
7/USAR
T1/2/3/6
LPUART
1/SAI4/S
DMMC1/
SPDIFR
X1/SPI6/
UART4/
5/8
FDCAN1
/2/FMC/
LCD/OC
TOSPIM
_P1/2/S
AI4/SDM
MC2/SP
DIFRX1/
TIM13/1
4
CRS/FM
C/LCD/O
CTOSPI
M_P1/O
TG1_FS/
OTG1_H
S/SAI4/S
DMMC2/
TIM8
DFSDM1
/ETH/I2C
4/LCD/M
DIOS/O
CTOSPI
M_P1/S
DMMC2/
SWPMI1
/TIM1x/T
IM8/UAR
T7/9/US
ART10
FMC/LC
D/MDIO
S/OCTO
SPIM_P
1/SDMM
C1/TIM1
x/TIM8
COMP/D
CMI/PSS
I/LCD/TI
M1x/TIM
23
LCD/TIM
24/UAR
T5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com