전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2512 데이터시트(PDF) 28 Page - Microchip Technology

부품명 USB2512
상세설명  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 데이터시트(HTML) 28 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 24Page - Microchip Technology USB2512 Datasheet HTML 25Page - Microchip Technology USB2512 Datasheet HTML 26Page - Microchip Technology USB2512 Datasheet HTML 27Page - Microchip Technology USB2512 Datasheet HTML 28Page - Microchip Technology USB2512 Datasheet HTML 29Page - Microchip Technology USB2512 Datasheet HTML 30Page - Microchip Technology USB2512 Datasheet HTML 31Page - Microchip Technology USB2512 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
USB251xB/xBi
DS00001692C-page 28
 2010 - 2015 Microchip Technology Inc.
5.1.26
REGISTER D0H: BATTERY CHARGING ENABLE
5.1.27
REGISTER F6H: BOOST_UP
Bit Number
Bit Name
Description
7:0
BC_EN
Battery Charging Enable: enables the battery charging feature for the
corresponding port.
0
: battery charging support is not enabled
1
: battery charging support is enabled
Bit 7 : rsvd
Bit 6 : rsvd
Bit 5 : rsvd
Bit 4 : controls port 4
Bit 3 : controls port 3
Bit 2 : controls port 2
Bit 1 : controls port 1
Bit 0 : rsvd
Bit Number
Bit Name
Description
7:2
rsvd
1:0
BOOST_IOUT
USB electrical signaling drive strength boost bit for the upstream port.
00
: normal electrical drive strength - no boost
01
: elevated electrical drive strength - low (~ 4% boost)
10
: elevated electrical drive strength - medium (~ 8% boost)
11
: elevated electrical drive strength - high (~12% boost)
Note:
Boost could result in non-USB compliant parameters. Therefore, a
value of 00 should be implemented unless specific implementation
issues require additional signal boosting to correct for degraded USB
signalling levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com