전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2512 데이터시트(PDF) 31 Page - Microchip Technology

부품명 USB2512
상세설명  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 데이터시트(HTML) 31 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 27Page - Microchip Technology USB2512 Datasheet HTML 28Page - Microchip Technology USB2512 Datasheet HTML 29Page - Microchip Technology USB2512 Datasheet HTML 30Page - Microchip Technology USB2512 Datasheet HTML 31Page - Microchip Technology USB2512 Datasheet HTML 32Page - Microchip Technology USB2512 Datasheet HTML 33Page - Microchip Technology USB2512 Datasheet HTML 34Page - Microchip Technology USB2512 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 31
USB251xB/xBi
5.1.31
REGISTER FCH: PORTMAP 34
Bit Number
Bit Name
Description
7:0
PRTR34
PortMap Register for Ports 3 and 4: When a hub is enumerated by a USB
host controller, the hub is only permitted to report how many ports it has; the
hub is not permitted to select a numerical range or assignment. The host
controller will number the downstream ports of the hub starting with the
number 1, up to the number of ports that the hub reports having.
The host's port number is called the Logical Port Number and the physical
port on the hub is the Physical Port Number. When mapping mode is enabled
(see PRTMAP_EN, Section 5.1.9 on page 23) the hub's downstream port
numbers can be mapped to different logical port numbers (assigned by the
host).
Note:
Contiguous logical port numbers must be implemented, starting from
number 1 up to the maximum number of enabled ports. This ensures
that the hub's ports are numbered in accordance with the way a host
will communicate with the ports.
Bit [7:4]
0000
Physical port 4 is disabled
0001
Physical port 4 is mapped to logical port 1
0010
Physical port 4 is mapped to logical port 2
0011
Physical port 4 is mapped to logical port 3
0100
Physical port 4 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value
Bit [3:0]
0000
Physical port 3 is disabled
0001
Physical port 3 is mapped to logical port 1
0010
Physical port 3 is mapped to logical port 2
0011
Physical port 3 is mapped to logical port 3
0100
Physical port 3 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com