전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2512 데이터시트(PDF) 14 Page - Microchip Technology

부품명 USB2512
상세설명  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 데이터시트(HTML) 14 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 10Page - Microchip Technology USB2512 Datasheet HTML 11Page - Microchip Technology USB2512 Datasheet HTML 12Page - Microchip Technology USB2512 Datasheet HTML 13Page - Microchip Technology USB2512 Datasheet HTML 14Page - Microchip Technology USB2512 Datasheet HTML 15Page - Microchip Technology USB2512 Datasheet HTML 16Page - Microchip Technology USB2512 Datasheet HTML 17Page - Microchip Technology USB2512 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
USB251xB/xBi
DS00001692C-page 14
 2010 - 2015 Microchip Technology Inc.
3.3.1
CONFIGURING THE STRAP PINS
If a pin's strap function is enabled thru the hub configuration selection, (Table 5-1, “Initial Interface/Configuration
Options,” on page 19) the strap pins must be pulled either high or low using the values provided in Table 3-3. Each strap
option is dependent on the pin’s buffer type, as outlined in the sections that follow.
SUSP_IND/
I/O
Active/Suspend Status LED: indicates USB state of the hub.
Negated = unconfigured; or configured and in USB suspend
Asserted = hub is configured and is active (i.e., not in suspend)
LOCAL_PWR/
Local Power: detects availability of local self-power source.
Low = self/local power source is NOT available (i.e., the hub gets all power from
the upstream USB VBus)
High = self/local power source is available
NON_REM0
Non-Removable 0 Strap Option: when enabled by package and configuration
settings (see Table 5-1 on page 19), this pin will be sampled (in conjunction with
NON_REM[1]) at RESET_N negation to determine if ports [x:1] contain
permanently attached (non-removable) devices:
Note:
When implementing an external LED on this pin, the active state is
outlined below and detailed in Section 3.3.1.3, on page 15.
NON_REM[1:0] = 00 : all ports are removable; LED is active high
NON_REM[1:0] = 01 : port 1 is non-removable; LED is active low
NON_REM[1:0] = 10 : ports 1 and 2 are non-removable; LED is active high
NON_REM[1:0] = 11 : (when available) ports 1, 2, and 3 are non-removable; LED
is active low
TEST
IPD
Test Pin: treat as a no connect pin or connect to ground. No trace or signal should
be routed or attached to this pin.
POWER, GROUND, and NO CONNECTS
CRFILT
VDD Core Regulator Filter Capacitor: this pin can have up to a 0.1
F low-ESR
capacitor to VSS, or be left unconnected.
VDD33
3.3 V Power
VDDA33
3.3 V Analog Power
PLLFILT
PLL Regulator Filter Capacitor: this pin can have up to a 0.1
F low-ESR capacitor
to VSS, or be left unconnected.
VSS
Ground Pad/ePad: the package slug is the only VSS for the device and must be
tied to ground with multiple vias.
NC
No Connect: no signal or trace should be routed or attached to all NC pins.
TABLE 3-3:
STRAP OPTION SUMMARY
Strap Option
Resistor Value
Buffer Type
Notes
Non-Removable
47 - 100 k
I/O
Internal Pull-Down
10 k
IPD
• Only applicable to port power pins
• Contains a built-in resistor
LED
47 - 100 k
I/O
TABLE 3-2:
USB251XB/XBI PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com