전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BW50RAM-3P005 데이터시트(PDF) 27 Page - Fuji Electric

부품명 BW50RAM-3P005
상세설명  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P005 데이터시트(HTML) 27 Page - Fuji Electric

Back Button BW50RAM-3P005 Datasheet HTML 23Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 24Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 25Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 26Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 27Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 28Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 29Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 30Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 31Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
06/27
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06
Molded Case Circuit Breakers
G-TWIN series
Wire size and terminal
• Flat terminal connection
MCCB
Rated
current
(A)
Applicable crimp terminal
75˚C wire
Connectable
wire size (AWG)
Tightening torque
(N•m)
Type of
screw head
and size
(mm)
J.S.T Mfg. Co., Ltd.
Nichifu Co., Ltd.
Daido Solderless
Terminal Mfg. Co., Ltd.
75˚C wire
Wire
side
MCCB
side
BW50RAGU
3
R2-5
R2-5M
R2-5
2-S5, 2-5
14AWG
3.5 to 4.5
2.3 to 2.8
Hexagon socket
head bolt
M5 x 16
5
10
15
20
R5.5-5
R3.5-5S, R3.5-5L, 5.5-6N.
R5.5-5S, R5.5-5
3.5-5, 5.5-S5
5.5-5, 5.5-L5
12AWG
30
10AWG
40
R8-5
R8-5S, R8-5
8-S5, 8-5
8AWG
50
BW100EAGU 60
R14-8
R14-8S, R14-8
R14-S8, R14-8
6AWG
8 to 10
5.5 to 7.5
Hexagon socket
head bolt
M8 x 22
75
22-S8
R22-8S, R22-8
R22-S8, 22-8
4AWG
100
38-S8
R38-8S
38-S8
3AWG
BW125JAGU
BW125RAGU
15
R2-8
R2-8
2-8, 2-B8
14AWG
9
(8 to 10)
5.8
(5.3 to 6.4)
Cross/straight
slotted pan-head
screw
M8 x 16
20
5.5-S8, R5.5-8
R3.5-8, R5.5-8
3.5-8, 5.5-8
12AWG
30
R5.5-8
5.5-8
10AWG
40
8-8NS, R8-8
R8-8
8-8
8AWG
50
60
14-8NS, 14-S8, R14-8
R14-8S, R14-8
14-S8, 14-8
6AWG
70
22-S8, R22-8, CB22-S8 R22-8S, R22-8, CB22-8S 22-S8, 22-8, CB22-8
4AWG
75
80
90
38-S8
R38-8S
38-S8
3AWG
100
125
1AWG
BW250EAGU
BW250JAGU
BW250RAGU
125
38-S8, R38-8
R38-8S, R38-8
38-S8, 38-8
1AWG
9
(8 to 10)
10.5
(8 to 13)
Hexagon socket
head bolt
M8 x 16
150
60-S8, R60-8
R60-8, CB60-8, CB60-8S 60-8, CB60-8
1/0AWG
175
70-8
R70-8
70-8
2/0AWG
200
CB80-S8
CB80-8
3/0AWG
225
CB100-S8
CB100-8
4/0AWG
250
CB150-S8
CB150-8
CB150-8
250MCM
BW400EAGU
BW400SAGU
BW400RAGU
BW400HAGU
250
150-12
R150-12
250MCM
45
(40 to 50)
43.5
(39.2 to 48)
Hexagon head
bolt
M12 x 35
300
180-12
R180-12
350MCM
350
325-12
R325-12N
500MCM
400
325-12
R325-12N
500MCM
R80-12
R80-12
3/0AWG(x2)
BW630RAGU
BW630HAGU
500
R150-12
R150-12
250MCM(x2)
47.04
(42.4 to 51.7)
47.04
(42.4 to 51.7)
Hexagon head
bolt
M12 x 40
600
180-12
R180-12
350MCM(x2)
630
325-12
R325-12N
R325-12
500MCM(x2)
BW800RAGU
BW800HAGU
700
325-12
R325-12
500MCM(x2)
47.04
(42.4 to 51.7)
47.04
(42.4 to 51.7)
Hexagon head
bolt
M12 x 40
Notes: • AWG/MCM is the UL approved wire unit.
• The allowable temperature of wire is 75˚C. (UL CSA approved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com