전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BW50RAM-3P005 데이터시트(PDF) 77 Page - Fuji Electric

부품명 BW50RAM-3P005
상세설명  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P005 데이터시트(HTML) 77 Page - Fuji Electric

Back Button BW50RAM-3P005 Datasheet HTML 73Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 74Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 75Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 76Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 77Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 78Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 79Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 80Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 81Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
06/77
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
n
Dimensions, mm
• 125AF to 250AF
ON
Fig.1
M4 or ø5
M4 or ø5
M4 or ø5
M4 or ø5
2-M4 or ø4.5
2-M4 or ø4.5
2-M4 or ø4.5
2-M4 or ø4.5
Breaker
Breaker
Breaker
Breaker
Breaker
Breaker
Breaker
Breaker
Mounting screw: M4 x 10 (x2)
25
15
15
35
ø19
A
P
N
B
L
C
L of slider
C
Padlock
(Not supplied)
L of breaker
C
L of breaker
C
L of breaker
C
L of breaker
C
L of breaker
C
L
C
L
C
L
C
L
C
L
C
C
Fig.2
L
C
L
C
C
Fig.3
L
C
L
C
C
Fig.4
L
Handle
C
L
Handle
C
Panel drilling
Type
Dimensions, mm
Panel Drilling
Mass(Kg)
P
N
A
B
C
D
BW9M1CA-2
90
88
150
60
–
132
Fig.1
BW9M1CA-3
120
118
210
90
30
132
Fig.2
BW9M1CA-4
150
148
270
102
30
132
Fig.4
BW9M1GA-3
135
133
240
105
35
126
Fig.3
BW9M1GA-4
170
168
310
140
35
126
Fig.4
Notes: • The dimensions and Breaker mounting holes for back surface mounting are different from those given above. Inquire for details.
• If a padlock is required, use a commercially available padlock with the dimensions shown in the diagram at the right.
• External installation forms F and R are not applicable to the MCCB on the left of the diagram.
9.5
20
ø3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93