전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BW50RAM-3P005 데이터시트(PDF) 70 Page - Fuji Electric

부품명 BW50RAM-3P005
상세설명  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P005 데이터시트(HTML) 70 Page - Fuji Electric

Back Button BW50RAM-3P005 Datasheet HTML 66Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 67Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 68Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 69Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 70Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 71Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 72Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 73Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 74Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
06/70
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
n
Rating of shunt trip (F)
n
Rating of undervoltage trip (R)
7-13
13-21
8-20
AC
DC
Opearting
time
(ms)
MCCB type
BW32
BW50
BW63
BW100
BW125
BW160
BW250
BW400
BW630
BW800
V
100-120
200-240
380-450
24
24
48
100-120
120-130
200-240
277
380-440
440-480
500-550
24-48
100-240
277
380-550
24-48
100-220
VA
150
150
200
150
50
50
50
50
50
50
50
50
50
2
3
3
4
V
100-110
−
−
24
24
48
100-110
−
200-220
−
−
−
−
Code
FAC/DC24-48V
FAC100-240V
DC100-220V
FAC277V
FAC380-550V
FAC100-120V/
DC100-110V
FAC200-240V
FAC380-450V
FAC/DC24V
FAC/DC24V
FAC/DC48V
FAC100-120V/
DC100-110V
FAC120-130V
FAC200-240V/
DC200-220V
FAC277V
FAC380-440V
FAC440-480V
FAC500-550V
2
3
−
−
Continuous
W
150
−
−
150
50
50
50
−
50
−
−
−
−
Continuous
(With 1NO
contact to
prevent coil
burn-out)
Time rating
of coil
Note: The operating tripping voltage range for shunt trip devices is 70% to 110% of the rated operating voltage.
100 (50Hz)/
100-110(60Hz)
200 (50Hz)/
200-220 (60Hz)
400 (50Hz)/
400-440 (60Hz)
−
−
−
−
−
100-110
110-130
200-240
277
380-415
440-480
−
−
−
40
5
5
5
5
−
−
−
−
−
−
2
2
3
3
3
−
−
−
−
−
24
100-110
24
48
100-110
125
−
−
−
−
−
−
BW32 *2
BW50 *2
BW63 *2
BW100 *2
BW125 *1
BW160 *1
BW250 *1
AC
DC
MCCB type
Installation
External
Internal
Internal
Code
RAC100(50Hz)/
100-110V(60Hz)
RAC200(50Hz)/
200-220V(60Hz)
RAC400(50Hz)/
400-440V(60Hz)
RDC24V
RDC100-110V
RDC24V
RDC48V
RDC100-110V
RDC125V
RAC100-110V
RAC110V-130V
RAC200-240V
RAC277V
RAC380-415V
RAC440V-480V
RAC/DC24V
RAC/DC48V
RAC/DC100-110V
RAC120-130V/DC125V
RAC200-240V/DC200-220V
RAC277V
RAC380-480V
BW400 *2
BW630 *2
BW800 *2
V
24
48
100-110
120-130
200-240
277
380-480
24
48
100-110
125
200-220
−
−
VA
V
W
Notes: • The operating voltages of undervoltage tripping devices are as follows:
Tripping voltage: 35% to 70% of rated voltage, closing voltage: 85% to 110% of rated voltage.
*1 Reset-allowed type: When the breaker handle is in the OFF or RESET state, tripping does not occur even if the R coil is not energized.
Turning ON with the R coil not energized causes normal tripping.
*2 Reset-prohibited type: When the R coil is not energized, reset operation cannot reset the tripped breaker to the OFF state.
2.8
3.4
4.4
−
−
−
−
−
5
5
5
5
5
5
2
2
3
3
3
3
4
Molded Case Circuit Breakers
G-TWIN series
Internal accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com