전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R71D 데이터시트(PDF) 6 Page - Holtek Semiconductor Inc

부품명 HT46R71D
상세설명  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R71D 데이터시트(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R71D Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾ 2.2V~5.5V
400
¾
4000
kHz
fINRC
Internal RC OSC
3V
¾
¾
12
¾
kHz
5V
¾
15
¾
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾ 2.2V~5.5V
0
¾
4000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note:
tSYS= 1/fSYS
HT46R71D
Rev. 1.00
6
January 9, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com