전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEO3910PDT 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 LEO3910PDT
상세설명  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button LEO3910PDT Datasheet HTML 7Page - STMicroelectronics LEO3910PDT Datasheet HTML 8Page - STMicroelectronics LEO3910PDT Datasheet HTML 9Page - STMicroelectronics LEO3910PDT Datasheet HTML 10Page - STMicroelectronics LEO3910PDT Datasheet HTML 11Page - STMicroelectronics LEO3910PDT Datasheet HTML 12Page - STMicroelectronics LEO3910PDT Datasheet HTML 13Page - STMicroelectronics LEO3910PDT Datasheet HTML 14Page - STMicroelectronics LEO3910PDT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Figure 16. Dropout voltage vs. temperature (VOUT=3 V,
IOUT=2 A)
Figure 17. SVR vs. frequency
Vout = 3V, Cin = 0 .
1 μF, Cout =1μF(tantalum),Iout=2 A
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Figure 18. Output noise spectrum (VOUT=Vadj,
COUT=1 μF)
VIN = 3.5V,
Cin = 220μF, Cout =1μF(tantalum)
Vout=VADJ,
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
10
100
1000
10000
100000
1000000
Frequency [Hz]
Iout=2A
Iout=5mA
Figure 19. Short-circuit current vs. dropout voltage,
(VOUT=Vadj)
CIN=
Cout =1μF(tantalum), T=25°C, No RSH
0.1μF,
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
VDrop [V]
T=25
T=-55
T=125
Figure 20. Short-circuit current vs. RSH
CIN=
Cout =1μF(tantalum)
0.1μF,
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
RSH [Kohm]
Vout=Vadj
Figure 21. Stability plan
VIN from 3 to 12V; IOUT from 5mA to 2A; VOUT = VADJ; CIN=1 µF; T= 25 ° C
0.001
0.01
0.1
1
10
100
1
10
100
COUT[µF] (nominal value)
STABILITY AREA
LEO3910
Application information
DS13691 - Rev 2
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21