| 전자부품 데이터시트 검색엔진 |
|
LEO3910PDT 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEO3910PDT 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() 8 Radiations Total ionizing dose (TID): The LEO3910 is tested and characterized according to condition A of MIL-STD-883. All parameters provided in Table 4. Electrical characteristics apply to both pre- and post-irradiation, as follows: • Total ionizing dose (TID) are performed in accordance with MIL-STD-883 • The initial characterization is performed in qualification only on both biased and unbiased parts • Each new production lot is tested at high dose rate, in the worst bias case condition, based on the results obtained during the initial qualification. Heavy-ions: The behavior of the product when submitted to heavy-ions is not tested in production. Heavy-ion trials are performed on qualification lots only. Table 5. Radiations Symbol Characteristics Value TID (1) • High-dose rate (40 krad (Si)/h) – Temperature 25 °C – Performed on 5 biased parts • Low-dose rate (10 mrad (Si)/s) Within Table 4. Electrical characteristics up to 50 krad(Si) SEL(2) • Let: 62.5 MeV.cm2mg (Xenon ions) • Temperature 125 °C • Fluence of 1 x 107 n/cm² (10 million of particles per cm²) • Normal incidence Immune to SEL up to 62.5 MeV.cm²/mg SET • Temperature 25 °C Characterized TNID • (with 50 MeV protons) Up to 3x1011 protons/cm² 1. A total ionizing dose (TID) of 50 krad(Si) is equivalent to 500 Gy(Si), (1 gray = 100 rad). 2. SEL: single event latchup. LEO3910 Radiations DS13691 - Rev 2 page 12/21 |